Part Number Hot Search : 
10L10 SI7772DP MBI5042 74LS279N SAA9051 01M16 10L10 PQ12RF2B
Product Description
Full Text Search
 

To Download FP1007R1-R17-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Current, High Frequency, Power Inductors
FLAT-PACTM FP1007 Series
* Frequency range up to 2MHz * RoHS compliant
HALOGEN
Applications:
* * * * * * * * Multi-phase regulators Voltage Regulator Module (VRM) Desktop and server VRMs and EVRDs Notebook regulators Data networking and storage systems Graphics cards and battery power systems Point-of-load modules DCR sensing
HF FREE
SMD Device
Description:
* * * * * * * * Halogen free 125C maximum total temperature operation 8.0 x 10.4 x 6.5, 7.0 or 7.5mm surface mount package Ferrite core material High current carrying capacity, low core losses Controlled DCR tolerance for sensing circuits Inductance range from 120nH to 300nH Current range from 32 to 94 Amps
Part Number7 R1 Version FP1007R1-R12-R FP1007R1-R14-R FP1007R1-R17-R FP1007R1-R22-R FP1007R1-R30-R R2 Version FP1007R2-R12-R FP1007R2-R14-R FP1007R2-R17-R FP1007R2-R22-R FP1007R2-R30-R R3 Version FP1007R3-R12-R FP1007R3-R15-R FP1007R3-R17-R FP1007R3-R22-R FP1007R3-R23-R FP1007R3-R27-R FP1007R3-R30-R OCL1 10% (nH) FLL2 Min. (nH) 120 140 170 215 300 120 140 170 215 300 120 150 170 215 230 270 300 86 100 122 155 216 86 100 122 155 216 86 108 122 155 165 194 216
Environmental Data:
* Storage temperature range: -40C to +125C * Operating temperature range: -40C to +125C (With derated current) * Solder reflow temperature: J-STD-020D compliant
Packaging:
* * * * Supplied in tape and reel packaging on 13" diameter reel FP1007R1 700 parts per reel FP1007R2 750 parts per reel FP1007R3 650 parts per reel
Product Specifications
Irms3 (Amps) Isat14 @ 25C (Amps) Isat25 @ 125C (Amps) DCR (m) @ 20C K-factor6 81 72 58 50 32 81 72 58 50 32 94 76 66 50 48 40 35 65 56 46 36 26 65 56 46 36 26 86 70 60 43 40 34 30 371 371 371 371 371 368 368 368 368 368 354 354 354 354 354 354 354
60
0.29 10%
51
0.48 8%
61
0.29 8%
1 Open Circuit Inductance (OCL) Test Parameters: 100kHz, 0.10Vrms, 0.0Adc 2 Full Load Inductance (FLL) Test Parameters: 100kHz, 0.1Vrms, Isat1 3 Irms: DC current for an approximate temperature rise of 40C without core loss. Derating is necessary for AC currents. PCB pad layout, trace thickness and width, air-flow and proximity of other heat generating components will affect the temperature rise. It is recommended the part temperature not exceed 125C under worst case operating conditions verified in the end application.
4 Isat1: Peak current for approximately 20% rolloff at +25C. 5 Isat2: Peak current for approximately 20% rolloff at +125C. 6 K-factor: Used to determine Bp-p for core loss (see graph). Bp-p = K * L * I * 10-3, Bp-p : (Gauss), K: (K-factor from table), L: (inductance in nH), I (peak-to-peak ripple current in amps). 7 Part Number Definition: FP1007Rx-Rxx-R * FP1007 = Product code and size * Rx is the DCR indicator * Rxx= Inductance value in H, R = decimal point * "-R" suffix = RoHS compliant
0209
BU-SB09133
Page 1 of 4
Data Sheet: 4341
Dimensions - mm
S ide V iew
a
T op V iew 7.8 +0.2/-0.3
1
B ottom V iew 2.24 0.15
1
R ecom m ended P ad Layout 2.5 3.0
S chem atic
The nominal DCR is measured from point "a" to point"b."
1
1007R x R xx w w llyy R
b
10.2 0.2
2.54 0.20
4.7
2
2
2
F P 1007R 1-R = 6.80 0.2 F P 1007R 2-R = 6.30 0.2 F P 1007R 3-R = 7.30 0.2
Part Marking: Coiltronics Logo
1007Rx (Rx = DCR Indicator)
Rxx = Inductance value in H. (R = Decimal point)
wwllyy = Date code
R = Revision level
Packaging Information - mm
4.0 1.75 11.5 10.5
1
1.5 dia.
2.0
1007Rx Rxx wwllyy R
2
24 0.3
Section A-A
FP1007R1 = 7.1 FP1007R2 = 6.6 FP1007R3 = 7.6
1.5 dia. 12.0
User direction of feed
Section B-B
8.1
Supplied in tape-and-reel packaging, on 13" diameter reel; FP1007R1 700 parts, FP1007R2 750 parts, FP1007R3 650 parts
Temperature Rise vs.Total Loss
60 F P 1007R 3-R
Tem perature R ise (C )
50
F P 1007R 1-R
40 F P 1007R 2-R
30
20
10
0 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2
T otal Loss (W )
0209
BU-SB09133
Page 2 of 4
Data Sheet: 4341
Core Loss
Core Loss vs. B p-p
10
1M H z
1
500kH z 300kH z 200kH z 100kH z
C ore Loss (W )
0.1
0.01
0.001
0.0001
0.00001 100 1000 10000
B p-p (G auss)
Inductance Characteristics
% o f O C L v s. I s a t1
100 90 80 70
-40C
% of OCL
60 50
+ 125C
+ 25C
40 30 20 10 0
0
10
20
30
40
50
60
70
80
90
100 110 120 130 140 150
% o f I s a t1
0209
BU-SB09133
Page 3 of 4
Data Sheet: 4341
Solder Reflow Profile
TP Max. Ramp Up Rate = 3C/s Max. Ramp Down Rate = 6C/s TL Preheat A t tP TC -5C
Table 1 - Standard SnPb Solder (T c)
Package Thickness <2.5mm _ >2.5mm Volume mm3 <350 235C 220C Volume mm3 _350 > 220C 220C
Temperature
T smax
Table 2 - Lead (Pb) Free Solder (T c)
Tsmin ts
Package Thickness <1.6mm 1.6 - 2.5mm >2.5mm
Time
Volume mm3 <350 260C 260C 250C
Volume mm3 350 - 2000 260C 250C 245C
Volume mm3 >2000 260C 245C 245C
25C
Time 25C to Peak
Reference JDEC J-STD-020D
Profile Feature Preheat and Soak * Temperature min. (Tsmin) * Temperature max. (Tsmax) * Time (Tsmin to Tsmax) (ts) Average ramp up rate Tsmax to Tp Liquidous temperature (TL) Time at liquidous (tL) Peak package body temperature (TP)* Time (tp)** within 5 C of the specified classification temperature (Tc) Average ramp-down rate (Tp to Tsmax) Time 25C to Peak Temperature Standard SnPb Solder 100C 150C 60-120 Seconds 3C/ Second Max. 183C 60-150 Seconds Table 1 20 Seconds** 6C/ Second Max. 6 Minutes Max. Lead (Pb) Free Solder 150C 200C 60-120 Seconds 3C/ Second Max. 217C 60-150 Seconds Table 2 30 Seconds** 6C/ Second Max. 8 Minutes Max.
* Tolerance for peak profile temperature (Tp) is defined as a supplier minimum and a user maximum. ** Tolerance for time at peak profile temperature (tp) is defined as a supplier minimum and a user maximum.
North America Cooper Electronic Technologies 1225 Broken Sound Parkway NW Suite F Boca Raton, FL 33487-3533 Tel: 1-561-998-4100 Fax: 1-561-241-6640 Toll Free: 1-888-414-2645
Cooper Bussmann P.O. Box 14460 St. Louis, MO 63178-4460 Tel: 1-636-394-2877 Fax: 1-636-527-1607
Europe Cooper Electronic Technologies Cooper (UK) Limited Burton-on-the-Wolds Leicestershire * LE12 5TH UK Tel: +44 (0) 1509 882 737 Fax: +44 (0) 1509 882 786
Cooper Electronic Technologies Avda. Santa Eulalia, 290 08223 Terrassa, (Barcelona), Spain Tel: +34 937 362 812 +34 937 362 813 Fax: +34 937 362 719
Asia Pacific Cooper Electronic Technologies 1 Jalan Kilang Timor #06-01 Pacific Tech Centre Singapore 159303 Tel: +65 278 6151 Fax: +65 270 4160
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications. Life Support Policy: Cooper Bussmann does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
(c) 2009 Cooper Bussmann S t . L o u i s, M O 6 3 1 7 8 w w w. c o o p e r bu s s m a n n . c o m
0209
BU-SB09133
Page 4 of 4
Data Sheet: 4341


▲Up To Search▲   

 
Price & Availability of FP1007R1-R17-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X